PART |
Description |
Maker |
FEC40 FEC40-24T0512 FEC40-48D3305 FEC40-12S05 FEC4 |
OFFER SINGLE,DUAL,DUAL POSITIVE(TOTAL OUTPUT CURRENT 8A)AND TRIPLE OUTPUT 40 WATT DC/DC CONVERTER SINGLE, DUAL & TRIPLE OUTPUTS
|
List of Unclassifed Manufacturers Volgen Kaga Electronics Inc.
|
PC3-5-5 PC3-12-3.3 PC3-5-3.3 PC3-5-12 PC1R5-24-5 P |
Single output DC-DC converter 1.5W ~ 6W Single Dual output DC-DC converter 1.5W ~ 25W Single/ Dual output DC-DC converter 1.5W ~ 25W LED Panel Indicator; LED Color:Green; Luminous Intensity:300foot lambert; Forward Current:8.5mA; Forward Voltage:125V; Operating Temperature Range:-25 C to 85 C; Color:Green; Leaded Process Compatible:No RoHS Compliant: No LED Panel Indicator; LED Color:Red; Luminous Intensity:1500foot lambert; Forward Current:40mA; Forward Voltage:24V; Operating Temperature Range:-25 C to 85 C; Color:Red; Leaded Process Compatible:No RoHS Compliant: No OSC 5V 8PIN CMOS Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输DC - DC转换.5W25 Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输DC - DC转换1.5W25 MICRO 31 P 30" RBW JACKS 单,双输出DC - DC转换.5W25 Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输出DC - DC转换.5W25 Single output DC-DC converter 1.5W ~ 6W 单输出DC - DC转换1.5W6W Single output DC-DC converter 1.5W ~ 6W 单输出DC - DC转换.5W6W Single, Dual output DC-DC converter 1.5W ~ 25W 单,双输出DC - DC转换1.5W25 MICRO 31 PIN 36" RBW
|
LAMBDA[DENSEI-LAMBDA] Struthers-Dunn Advanced Analogic Technologies, Inc. Ecliptek, Corp. NXP Semiconductors N.V. Micrel Semiconductor, Inc. TE Connectivity, Ltd.
|
REC15-1205SRWZ REC15-483.3SRW REC15-483.3SRWH REC1 |
15 Watt 1?x 2?Single & Dual Output 15 Watt 1” x 2” Single & Dual Output 15 Watt 1x 2Single & Dual Output 15 Watt 1x 2Single & Dual Output 15瓦特1“2”单 15 Watt 1??x 2??Single & Dual Output
|
RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
REC3-123.3SRW REC3-123.3SRW_H1 REC3-123.3SRWZ_H1 R |
8-Pin N-FET Linear Regulator Controller 8-SOIC 0 to 70 3瓦特DIP24 /贴片 3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(12V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 BiCMOS Power Factor Preregualtor 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(3.3V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Advanced Phase Shift PWM Controller 20-TSSOP 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
RP20-483.3SEW RP20-2405DEW RP20-2405SEW RP20-2412D |
20 Watt Single & Dual Output 20瓦单 20 Watt Single & Dual Output
|
RECOM Electronic GmbH RECOM[Recom International Power]
|
P8SG-XXXXZH30M P8SG-0505ZH30M P8SG-053R6ZH30M P8SG |
Input voltage:24V, output voltage /-7.2V ( /-100mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-15V ( /-50mA), 3KV isolated 1.5W regulated single output Input voltage:24V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-12V ( /-63mA), 3KV isolated 1.5W regulated single output Input voltage:12V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-3.6V ( /-200mA), 3KV isolated 1.5W regulated single output Input voltage:5V, output voltage /-5V ( /-150mA), 3KV isolated 1.5W regulated single output 3 KV ISOLATED 1.5 W REGULATED DUAL OUTPUT DIP24 3千伏隔震1.5糯稳压双输出DIP24
|
PEAK[PEAK electronics GmbH]
|
RP20-483.3SE RP20 RP20-120512TE RP20-120515TE RP20 |
OSC 5V 8PIN CMOS 20瓦单,双 20 Watt Single, Dual & Triple Output 20瓦单,双 D-Subminiature Connector; Gender:Female; No. of Contacts:51; Contact Termination:Wire; D Sub Shell Size:DB51; Body Material:Thermoplastic; Leaded Process Compatible:No; Mounting Type:Float Mount; Peak Reflow Compatible (260 C):No RoHS Compliant: No 20 Watt Single, Dual & Triple Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
LT1719 LT1719CS8 LT1719IS8 1719F LT1719CS6 LT1719I |
4ns/ 150MHz Dual Comparator with Independent Input/Output Supplies 4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output From old datasheet system
|
LINER[Linear Technology]
|
74ALVC164245NBSP 74ALVC164245DL AC164245DL 74ALVC1 |
ECONOLINE: RB & RA - Dual Output from a Single Input Rail- Power Sharing on Output- Industry Standard Pinout- 1kVDC & 2kVDC Isolation- Custom Solutions Available- UL94V-0 Package Material- Efficiency to 85% 16-bit dual supply translating transciever; 3-state 16-bit dual supply translating transceiver 3-State
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|